Part Number Hot Search : 
FMLG22 0P1F0 PZM20N CA3080AE HC125 02M186RP AD8602AR IDM37SH5
Product Description
Full Text Search
 

To Download LV24000 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Ultraminiature FM Radio ICs for Portable Equipment
LV2400X Series
The LV2400X series ICs are ground-breaking FM radio ICs that require absolutely no external components. They incorporate not only the FM radio functions but source selector, master volume control, tone control, headphone amplifier and other functions as well in a compact VQLP package with dimensions of only 5 5 0.8mm. These ICs are simply ideal for incorporating FM radio functions into mobile phones and other small mobile devices where space is always at a premium.
No external components required
Allows an FM radio function to be included extremely easily
Adjustment free
Miniature package
5A ~ ~ mm 5A 0.8
All required functions, such as master volume control and tone controls, are provided
LV2400X Series
Absolutely no external components required Absolutely no adjustments required Improved selectivity with low IF frequency (110 kHz) No FM detection discriminator required Built-in adjacent channel interference total reduction (no 114 kHz, no 190 kHz) New tuning concept Ultra-high sensitivity reception with low-noise mixer input circuit Built-in low power standby mode eliminates the need for a power switch circuit Composite output for RDS applications
Product Lineup
3-wire bus interface (Clock, Data, NR-W) featured Digital AFC function provided Soft Mute, stereo-blend (8-step program control) Manual search, auto search, and auto preset supported Worldwide reception supported (reception of all bands in Japan, Europe, and the US enabled by changes in the program) Built-in master volume control Built-in source selector (LV24002) Built-in tone controls (LV24002) Built-in headphone amplifier (LV24002)
LV24000: FM radio function LV24002: FM radio + source selector + headphone amplifier functions
Examples of applications in Mobile Phones
LV24010: FM radio function + RDS demodulator function for the European market LV24100: FM radio function + AM radio function
LV24000
Cellular Phone (Basic)
LV24002
Cellular Phone
(FM radio functions added)
Source Volume Headphone Amp
(FM radio, source selector and headphone amplifier functions added)
Source FM
Volume
Headphone Amp
FM
LV24000
LV24002


▲Up To Search▲   

 
Price & Availability of LV24000

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X